PART |
Description |
Maker |
N411052 |
Contact Ratings:25mA, 24VDC.
|
E-SWITCH
|
N800006 |
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
|
E-SWITCH
|
N800601 |
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
|
E-SWITCH
|
N800204 |
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
|
E-SWITCH
|
N800302 |
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
|
E-SWITCH
|
FTR-LYAA005ENIL FTR-LYAA006VSK FTR-LYAA005VSK FTR- |
POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control) POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.034A (COIL), 5VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.007A (COIL), 24VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.028A (COIL), 6VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.019A (COIL), 9VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.009A (COIL), 18VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.004A (COIL), 48VDC (COIL), 217mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.003A (COIL), 60VDC (COIL), 175mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.014A (COIL), 12VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.009A (COIL), 18VDC (COIL), 170mW (COIL), 6A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Component Limited. FUJITSU Component., Ltd. Fujitsu Component Limit... FUJITSU COMPONENT LTD
|
V23003A37B104 V23003A64B604 V23003A37F101 V23003A3 |
POWER/SIGNAL RELAY, DPDT, LATCHED, 0.06A (COIL), 24VDC (COIL), 1440mW (COIL), 2A (CONTACT), 150VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.034A (COIL), 48VDC (COIL), 1646mW (COIL), 0.2A (CONTACT), 36VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, LATCHED, 0.06A (COIL), 24VDC (COIL), 1440mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPST, LATCHED, 0.06A (COIL), 24VDC (COIL), 1440mW (COIL), 5A (CONTACT), 250VDC (CONTACT), PANEL MOUNT
|
|
VB48STKU-LF 00STBU-N B-100TCU-N FUJITSUCOMPONENTLT |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.011A (COIL), 48VDC (COIL), 530mW (COIL), 5A (CONTACT), 150VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT LEAD FREE POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.005A (COIL), 100VDC (COIL), 530mW (COIL), 5A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.007A (COIL), 100VDC (COIL), 750mW (COIL), 5A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
FUJITSU Component., Ltd.
|
D3047 |
RF RELAY, DPDT, LATCHED, 0.006A (COIL), 24VDC (COIL), 150mW (COIL), 2A (CONTACT), 125VDC (CONTACT), 900MHz, THROUGH HOLE-STRAIGHT MOUNT
|
TYCO ELECTRONICS ELCON
|
2-1419130-1 |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.025A (COIL), 12VDC (COIL), 300mW (COIL), 1A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
|
VS-14SMB-NR-SM2 |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.037A (COIL), 14VDC (COIL), 530mW (COIL), 15A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
FUJITSU COMPONENT LTD
|
|